Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download 1N4934GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933GP thru 1N4937GP
Vishay Semiconductors
formerly General Semiconductor
Glass Passivated Junction Fast Switching Rectifier
DO-204AL (DO-41)
Reverse Voltage 50 to 600V Forward Current 1.0A
Features
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
ted* aten P
Dimensions in inches and (millimeters)
0.205 (5.2) 0.160 (4.1)
(R)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * High temperature metallurgically bonded construction * Capable of meeting environmental standards of MIL-S-19500 * For use in high frequency rectifier circuits * Fast switching for high efficiency * Cavity-free glass passivated junction * 1.0 Ampere operation at TA=75C with no thernal runaway * Typical IR less than 0.1A * High temperature soldering guaranteed: 300C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
Mechanical Data
Case: JEDEC DO-204AL, molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 oz., 0.34 g
0.023 (0.58)
for suffix "E" part numbers
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, and brazed-lead assembly by Patent No. 3,930,306
Maximum Ratings & Thermal Characteristics Ratings at 25C ambient temperature unless otherwise specified.
Parameter *Maximum repetitive peak reverse voltage *Maximum RMS voltage *Maximum DC blocking voltage *Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75C *Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Typical thermal resistance
(1)
Symbol VRRM VRMS VDC IF(AV) IFSM RJA TJ, TSTG
1N4933GP 1N4934GP 1N4935GP 1N4936GP 1N4937GP 50 35 50 100 70 100 200 145 200 1.0 30 55 -65 to +175 400 280 400 600 420 600
Unit V V V A A C/W C
*Operating junction and storage temperature range
Electrical Characteristics
*Maximum DC reverse current at rated DC blocking voltage *Maximum reverse recovery time at IF=1.0A, VR=30V
Ratings at 25C ambient temperature unless otherwise specified.
*Maximum instantaneous forward voltage at 1.0A TA=25C TA=125C
VF IR trr CJ
1.2 5.0 100 200 15
V A ns pF
Typical junction capacitance at 4.0V, 1MHz
Notes: (1) Thermal resistance from junction to ambient, and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted *JEDEC registered values
Document Number 88509 27-Feb-02
www.vishay.com 1
1N4933GP thru 1N4937GP
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 -- Forward Current Derating Curves
Average Forward Rectified Current (A)
1.0 40
Fig. 2 -- Maximum Non-Repetitive Peak Forward Surge Current
TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
0.75
Peak Forward Surge Current (A)
Resistive or Inductive Load
30
0.5
20
0.25
10
0.375" (9.5mm) Lead Length 0 0 25 50 75 100 125 150 175
0 1 10 100
Ambient Temperature (C)
Number of Cycles at 60 HZ
Fig. 3 -- Typical Instantaneous Forward Characteristics
10 20
Fig. 4 -- Typical Reverse Characteristics
Instantaneous Reverse Current (A)
10 TJ = 125C 1 TJ = 75C 0.1
Instantaneous Forward Current (A)
1
TJ = 25C Pulse Width = 300s 1% Duty Cycle
0.1
TJ = 25C 0.01 0 20 40 60 80 100
0.01 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 -- Typical Junction Capacitance
100 100
Fig. 6 -- Typical Transient Thermal Impedance
Typical Thermal Impedance (CW)
Junction Capacitance (pF)
TJ = 25C f = 1.0MHZ Vsig = 50mVp-p
10
10
1
1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V) www.vishay.com 2
t, Pulse Duration (sec.) Document Number 88509 27-Feb-02
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4934GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X